Part Number Hot Search : 
LT1560W BUK95 STA661 CGLCE15 8M002 XN01507 MB100 CY14B10
Product Description
Full Text Search
 

To Download MH100547NJ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 1
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MH10052-
CONFIGURATION & DIMENSIONS
A A B B C D D : : : : 1.000.10 0.500.10 0.500.10 0.230.10 m/m m/m m/m m/m
SCHEMATIC DIAGRAM
FEATURES
aMonolithic structure ensuring high performance and reliability. bHigh frequency applications up to 6GHz. cTerminalAg/Cu/Ni/Sn dRemarkProducts comply with RoHS' requirements
APPLICATIONS
aRF modules for telecommunication systems including GSM, PCS,DECT,WLAN,Bluetooth,etc.
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
C
GENERAL SPECIFICATION
aStorage temp.-55---- +125 bOperating temp.-55 ---- +125 cSolderabilityPreheat 150. 60 sec SolderH63A Solder temp.2305 FluxRosin Dip time41 sec
Temperature ( ) 250
Temperature Rising Area +4.0 / sec max.
Preheat Area 150 ~ 200 / 60 ~ 120sec
Reflow Area
Forced Cooling Area
+2.0 ~ 4.0 -(1.0 ~ 5.0) / sec max. / sec max.
Peak Temperature: 260 50sec max. 230
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 2
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MH10052-
ELECTRICAL CHARACTERISITCS
DWG No. MH10051N0D2- MH10051N2D2- MH10051N5D2- MH10051N8D2- MH10052N0D2- MH10052N2D2- MH10052N4D2- MH10052N7D2- MH10053N0D2- MH10053N3D2- MH10053N6D2- MH10053N9D2- MH10054N3D2- MH10054N7D2- MH10055N1D2- MH10055N6D2- MH10056N2D2- MH10056N8J2- MH10057N5J2- MH10058N2J2- MH10059N1J2- MH100510NJ2- MH100512NJ2- MH100515NJ2- MH100518NJ2- MH100522NJ2- MH100527NJ2- MH100533NJ2- MH100539NJ2- MH100547NJ2- MH100556NJ2- MH100568NJ2- MH100582NJ2- MH1005R10J2- MH1005R12J2- Inductance ( nH ) 1.0 0.3 1.2 0.3 1.5 0.3 1.8 0.3 2.0 0.3 2.2 0.3 2.4 0.3 2.7 0.3 3.0 0.3 3.3 0.3 3.6 0.3 3.9 0.3 4.3 0.3 4.7 0.3 5.1 0.3 5.6 0.3 6.2 0.3 6.8 5% 7.5 5% 8.2 5% 9.1 5% 10.0 5% 12.0 5% 15.0 5% 18.0 5% 22.0 5% 27.0 5% 33.0 5% 39.0 5% 47.0 5% 56.0 5% 68.0 5% 82.0 5% 100.0 5% 120.0 5% Q min 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 L/Q Test Freq. ( MHz ) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 SRF ( GHz ) min 10.00 10.00 6.00 6.00 6.00 6.00 6.00 6.00 6.00 6.00 5.00 4.00 4.00 4.00 4.00 4.00 3.90 3.90 3.70 3.60 3.40 3.20 2.70 2.30 2.10 1.90 1.60 1.30 1.20 1.00 0.75 0.75 0.60 0.60 0.60 RDC () max 0.08 0.09 0.10 0.12 0.12 0.13 0.13 0.13 0.16 0.16 0.20 0.21 0.21 0.21 0.21 0.23 0.25 0.25 0.25 0.28 0.30 0.31 0.40 0.46 0.55 0.60 0.70 0.80 0.90 1.00 1.00 1.20 1.30 1.50 1.60 IDC ( mA ) max 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 200 200 200 200 180 150 150 150
1). Packaging Information... ABulk BTaping Reel 2)."-
":Reference code
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH10052-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 A N C C B
G
D
Embossed Carrier
Carrier tape width : D P:2 m/m End 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 A 178 B 210.8 C 13 D 8 G 10 +0 N 50 -0
Unit:m/m T 12.5
( 3 ) Q'TY & G.W. Per package Series
Q'TY (pcs)
Inner : Reel
G.W. (gw) Style Q'TY(kpcs)
Outer : Carton
G.W. (Kg) Size (cm)
MH1005
10,000
60
07 - 08
500
5.5
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 4
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO. ( 4 ) TYPE DIMENSIONS
1.750.1 (0.0690.004)
MH10 052-
Fig 1.
4 0.1 (0.157 0.004)
1.5 50.05 20.05 (0.079 0.002) (0.061 0.002)
T max.
F 0.05 (0.002)
P0.1 (0.004)
A0.1 (0.004)
B 0.1(0.004)
W0.2 (0.008)
Unit:m/m Type MH1005 A 0.65 B 1.15 F 3.50 P 2.0 T 0.80 W 8.0 Fig 1
AR-0 01A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 5
MULTILAYER CHIP INDUCTOR
ABC'S ITEM NO.
MH10052-
L / Q VS. FREQ. CURVE
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
MULTILAYER CHIP INDUCTOR
ABC'S DWG NO. ABC'S ITEM NO.
MH10052-
DWGING NUMBER EXPRESSION
MH
1
0
0
5 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 10000 pcs
Remark
AR-001A


▲Up To Search▲   

 
Price & Availability of MH100547NJ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X